Part Number Hot Search : 
IRF7328 M050B CMLM0605 H4N12 UC843B MSC80914 90N10 2SC6037J
Product Description
Full Text Search
 

To Download CS10D07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CS10D ... CS50D
CS10D ... CS50D
Schottky-Bridge-Rectifiers Schottky-Bruckengleichrichter Version 2007-07-06
3.1
1.7
Nominal current Nennstrom
7.5
1A 10...50 V 8.3 x 6.4 x 3.1 [mm] 0.4 g
0.1
0.5 8.4
0.2
4.1
0.2
1.3
Alternating input voltage Eingangswechselspannung Plastic case DIL Kunststoffgehause DIL Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging: plastic tubes Standard Lieferform: Plastik-Schienen
8.6
0.4
~
Type Typ
~
+
5.1
Dimensions - Mae [mm]
Recognized Product - Underwriters Laboratories Inc.(R) File E175067 Anerkanntes Produkt - Underwriters Laboratories Inc.(R) Nr. E175067
Maximum ratings and characteristics Type Typ CS10D CS20D CS30D CS40D CS50D Max. alternating input voltage Max. Eingangswechselspannung VVRMS [V] 10 20 30 40 50
Grenz- und Kennwerte Repetitive peak reverse voltage Period. Spitzensperrspannung VRRM [V] 20 40 60 80 100 Forward voltage Durchlass-Spannung VF [V] 1,2) < 0.50 < 0.50 < 0.70 < 0.79 < 0.79
Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
f > 15 Hz TA = 25C TA = 25C
IFRM IFSM i2t Tj TS
10 A 3) 40/44 A 8 A2s -50...+150C -50...+150C
1 2 3
IF = 1 A, Tj = 25C Valid for one branch - Gultig fur einen Bruckenzweig Max. temperature of the terminals TT = 100C - Max. Temperatur der Anschlusse TT = 100C http://www.diotec.com/
(c) Diotec Semiconductor AG
1
CS10D ... CS50D Characteristics Max. average forward rectified current Dauergrenzstrom Leakage current Sperrstrom Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft TA = 50C Tj = 25C Tj = 100C R-load C-load VR = VRRM VR = VRRM IFAV IFAV IR IR RthA Kennwerte 1.0 A 1) 0.8 A 1) < 0.5 mA < 5.0 mA < 60 K/W1)
120 [%] 100
102 [A] 10
CS10...20
80
CS30
60
1
40
10
20 IFAV 0 0 TA 50 100 150 [C]
-1
CS40...50
IF 10-2
Tj = 25C
0
VF
0.4
0.6
[V]
1.0
Rated forward current versus ambient temperature Zul. Richtstrom in Abh. von der Umgebungstemp.
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1
Mounted on P.C. Board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of CS10D07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X